Part Number Hot Search : 
X46402 DM7402 NJM07403 1N6316US N4006 C3216 20U20 AM186ER
Product Description
Full Text Search
 

To Download P1727AF-08SR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 P1727 Notebook LCD Panel EMI Reduction IC
Features
* FCC approved method of EMI attenuation * Generates a low EMI spread spectrum of the input clock frequency * Optimized for frequency range: P1727X: 20MHz to 40MHz * Internal loop filter minimizes external components and board space * 8 different frequency deviations ranging from 0.625% to -3.50% * Low inherent Cycle-to-cycle jitter * 3.3V Operating Voltage * Supports notebook VGA and other LCD timing controller applications * Available in 8-pin SOIC. system cost savings by reducing the number of circuit board layers and shielding that are traditionally required to pass EMI regulations. The P1727 modulates the output of a single PLL in order to "spread" the bandwidth of a synthesized clock, thereby decreasing the peak amplitudes of its harmonics. This result in significantly lower system EMI compared to the typical narrow band signal produced by oscillators and most clock generators. Lowering EMI by increasing a signal's bandwidth is called spread spectrum clock generation. The P1727 uses the most efficient and optimized modulation profile approved by the FCC and is implemented by using a proprietary all-digital method.
Applications
The P1727 is targeted towards notebook LCD displays, other displays using an LVDS interface, PC peripheral devices and embedded systems.
Product Description
The P1727 is a versatile spread spectrum frequency modulator designed specifically for a wide range of clock frequencies. The P1727 reduces electromagnetic interference (EMI) at the clock source, allowing system wide reduction of EMI of down stream (clock and data dependent signals). The P1727 allows significant
Block Diagram
PDB
VDD
Modulation CLKIN Frequency Divider Feedback Divider
PLL
Phase Detector
Loop Filter
VCO
Output Divider
ModOUT
REFOUT
VSS
(c)2010 SCILLC. All rights reserved. JANUARY 2010 - Rev. 1
Publication Order Number: P1727/D
P1727
Pin Configuration
CLKIN 1 VDD VSS
8 PDB P1727 7
NC
2 3
6 NC 5
REFOUT
ModOUT 4
Table 1 - Power Down Selection PDB Spread Spectrum ModOUT
0 1 N/A ON Disabled Normal
PLL
Disabled Normal
Mode
Power Down Normal
Table 2 - Frequency Deviation Selection P/ N Deviation
P1727A P1727B P1727C P1727D -1.25% -1.75% -2.50% -3.50%
P/N
P1727E P1727F P1727G P1727H
Deviation
0.625% 0.875% 1.25% 1.75%
Pin Description Pin#
1 2 3 4 5 6 7 8
Pin Name
CLKIN VDD VSS ModOUT REFOUT NC NC PDB
Type
I P P O O
Description
External reference frequency input. Connect to externally generated reference signal. Connect to +3.3V. Ground Connection. Connect to system ground. Spread Spectrum Clock output. Reference output. No connect. No connect.
I
Powerdown Pin. Pull low to disable spread spectrum clock output.
Rev. 1 | Page 2 of 6 | www.onsemi.com
P1727
Schematic for notebook VGA application
27MHz Pixel Clock input VDD 0.1 F
1 CLKIN CLKIN 2 VDD 3 VSS
PDB 8 NC 7 NC 6 REFOUT 5
Tie low to enable Powerdown mode.
P1727
ModOut Clock
4 ModOUT
Reference Clock O/P
Absolute Maximum Ratings Symbol
VDD, VIN TSTG Ts TJ TDV Storage temperature
Parameter
Rating
-0.5 to +7 -65 to +125 260 150 2
Unit
V C C C KV
Voltage on any pin with respect to Ground Max. Soldering Temperature (10 sec) Junction Temperature Static Discharge Voltage (As per JEDEC STD22- A114-B)
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect device reliability.
Operating Conditions Symbol
VDD TA CL CIN Operating temperature Load Capacitance Input Capacitance
Parameter
Min
3.0 -40
Max
3.6 +85 15 7
Unit
V C pF pF
Supply Voltage with respect to VSS
Rev. 1 | Page 3 of 6 | www.onsemi.com
P1727
DC Electrical Characteristics Symbol
VIL VIH IIL IIH VOL VOH IDD ICC VDD tON ZOUT Input Low voltage Input High voltage Input Low current Input High current Output Low current Output High current VDD = 3.3V, IOL = 20mA VDD = 3.3V, IOH = 20mA 2.5 2 14 3.0 3.3 0.18 50 18 3.6
Parameter
Min
VSS - 0.3 2.0
Typ
Max
0.8 VDD +0.3 -35 35 0.4
Unit
V V A A V V mA mA V mS
Static Supply Current (CLKIN, PDB pulled Low) Dynamic Supply Current (No Load) Operating Voltage Power up time (first locked clock cycle after power up) Clock Output impedance
AC Electrical Characteristics Symbol
fIN fOUT
1 tLH
Parameter
Input Frequency: Output Frequency: Output Rise time Output Fall time Jitter (Cycle-to-cycle) Output Duty cycle P1727X P1727X Measured from 0.8V to 2.0V Measured from 2.0V to 0.8V
Min
20 20 0.7 0.6 45
Typ
Max
40 40
Unit
MHz MHz nS nS pS %
0.9 0.8 225 50
1.1 1.0 325 55
tHL
1
tJC tD
Note: 1. tLH and tHL are measured with a capacitive load of 15pF.
Rev. 1 | Page 4 of 6 | www.onsemi.com
P1727
Package Information 8-lead (150-mil) SOIC Package
E
H
D
A2
A
e A 1 B
C L
D
Dimensions Inches Min
A1 A A2 B C D E e H L 0.004 0.053 0.049 0.012 0.007
Symbol
Max
0.010 0.069 0.059 0.020 0.010
Millimeters Min Max
0.10 1.35 1.25 0.31 0.18 4.90 BSC 3.91 BSC 1.27 BSC 6.00 BSC 0.41 0 1.27 8 0.25 1.75 1.50 0.51 0.25
0.193 BSC 0.154 BSC 0.050 BSC 0.236 BSC 0.016 0 0.050 8
Rev. 1 | Page 5 of 6 | www.onsemi.com
P1727
Ordering Information Part number
P1727AF-08SR
Marking
ABW
Package Configuration
8-PIN SOIC, TAPE & REEL, Green
Temperature Range
0 to +70 C C
A "microdot" placed at the end of last row of marking or just below the last row toward the center of package indicates Pb-free.
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
Note: This product utilizes US Patent #6,646,463 Impedance Emulator Patent issued to PulseCore Semiconductor, dated 11-11-2003. ON Semiconductor and are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. U.S Patent Pending; Timing-Safe and Active Bead are trademarks of PulseCore Semiconductor, a wholly owned subsidiary of ON Semiconductor. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative


▲Up To Search▲   

 
Price & Availability of P1727AF-08SR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X